Part Number Hot Search : 
TLO1002 AKD4523 564J133 20007 1V0DS00 824B600 7705BN 14600
Product Description
Full Text Search
 

To Download TMG20CQ60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  maximum ratings tj=25 unless otherwise specified electrical characteristics symbol item reference ratings 20 unit i t rms r.m.s. on-state current i tsm surge on-state current tc 126 one cycle, 50hz/60hz, peak value non-repetitive i 2 t i 2 t for fusing p gm peak gate power dissipation p g av average gate power dissipation i gm peak gate current v gm peak gate voltage a 600 v drm repetitive peak off-state voltage v 183/200 a 165 5 a 2 s w 0.5 tj operating junction temperature tstg storage temperature mass 2 w a 10 v 40 150 40 150 2 g symbol item reference ratings min. typ. max. unit i drm repetitive peak off-state current v tm peak on-state voltage v d =v drm , single phase, half wave, tj 150 i t 30a, inst. measurement i gt1 1 2 3 4 gate trigger current i gt1 i gt3 i gt3 v gd non-trigger gate voltage v d 6v r l 10 ma v ma 0.1 5 25 2 1.4 30 30 30 1.5 1.5 1.5 1.0 v gt1 1 2 3 4 gate trigger voltage v gt1 v gt3 v gt3 v tj 150 v d 1 2 v drm dv / dt c critical rate of rise of off-state voltage at commutation i h holding current rth thermal resistance tj 150 di / dt c a / ms v d 2 3 v drm junction to case v v / s ma / w       
           ***    ***      5 5 (buf   ?  y ?  y ?  y ?  y ?  y ?  y ?  y ?  y ?  y ?  y ?  y ?  y ?  y ?            identifying code t20cq6 unit mm TMG20CQ60 ( tj=150 ) triac ( through hole / non-isolated ) triac TMG20CQ60 is designed for full wave ac control applications. it can be used as an on/off function or for phase control operation. typical applications home appliances : washing machines, vacuum cleaners, rice cookers, micro wave ovens, hair dryers, other control applications industrial use : smps, copier machines, motor controls, dimmer, ssr, heater controls, vending machines, other control applications features i t(rms) =20a high surge current low voltage drop lead-free package
 (buf$ibsbdufsjtujdt (buf$vssfou n"   }                                  7 (. 7 1 (. 8  7 (% 7 * (. "  1 ( "7 8 ? 1  (5  1  (5  1  (5 (buf7pmubhf 7  0o4ubuf$ibsbdufsjtujdt."9 0o4ubuf7pmubhf 7             0o4ubuf1fbl$vssfou "               )9   ? )9   ?  3.40o4ubuf$vssfou "             3.40o4ubuf$vssfouwt .byjnvn1pxfs%jttjqbujpo  1 ?  1 ?  1 ?  1 ?  1 ?  1 ?     ?   $poevdujpo"ohmf               1pxfs%jttjqbujpo 8   3.40o4ubuf$vssfou "                                 3.40o4ubufwt "mmpxbcmf$btf5fnqfsbuvsf "mmpxbcmf$btf5fnqfsbuvsf ?      ?   $poevdujpo"ohmf  1   ?  1   ?  1 ? 1 ? 1 ? 1   ?  4vshf0o4ubuf$vssfou3bujoh /po3fqfujujwf                         5jnf$zdmft 4vshf0o4ubuf$vssfou "  ) ; ) ;                         5jnf4fd 5sbotjfou5ifsnbm*nqfebodf 5sbotjfou5ifsnbm*nqfebodf ?8  +vodujpo5fnq5k ?                                      * (5  5k 5zqjdbm * (5 u?  * (5  ?    ?  *  (5  !    *  (5  !   *  (5  #    7  (5  !    7  (5  !    7  (5  #   +vodujpo5fnq5k ?                                    7 (5  5k 5zqjdbm 7 (5 u?  7 (5  ?    ?  TMG20CQ60


▲Up To Search▲   

 
Price & Availability of TMG20CQ60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X